Part Number Hot Search : 
TLMW3102 3EZ12 MB86H25B 110J7 NVZ6TLTA CV7768 4082F 250MA
Product Description
Full Text Search
 

To Download 1N829UR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N821UR thru 1N829AUR-1 (or MLL821 thru MLL829-1)
SCOTTSDALE DIVISION
6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
DESCRIPTION The 1N821UR thru 1N829AUR-1 series of surface mount Zero-TC Reference Diodes provides a selection of both 6.2 V and 6.55 V nominal voltages and temperature coefficients to as low as 0.0005%/oC for minimal voltage change with temperature when operated at 7.5 mA. These glass surface mount DO-213AA (MELF) reference diodes are optionally available with an internal-metallurgical-bond by adding a "-1" suffix. This type of bonded Zener package construction is also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages up to 200 V.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-213AA
FEATURES
* Surface mount equivalent of JEDEC registered 1N821 thru 1N829 series * Internal metallurgical bond option available by adding a "-1" suffix * Reference voltage selection of 6.2 V & 6.55 V +/-5% with further tight tolerance options at lower voltage * 1N821, 823, 825, 827 and 829 also have surface mount qualification to MIL-PRF-19500/159 by adding the JAN, JANTX, or JANTXV prefixes to part numbers a well as the "-1" suffix; e.g. JANTX1N8291, etc. * Axial-leaded equivalents also available in DO-35 or DO-7 without the UR suffix (see separate data sheet) including military qualifications up to JANS for DO-7 (see separate data sheet) * JANS equivalent available in DO-213AA via SCD
APPLICATIONS / BENEFITS
* Provides minimal voltage changes over a broad temperature range * For instrumentation and other circuit designs requiring a stable voltage reference * Maximum temperature coefficient selections available from 0.01%/C to 0.0005%/C * Tight reference voltage tolerances available with center nominal value of 6.15 V by adding designated tolerance such as 1%, 2%, 3%, etc. after the part number for identification e.g. 1N827UR-2%, 1N829AUR-1-1%, etc. * Small surface-mount footprint * Nonsensitive to ESD per MIL-STD-750 Method 1020 * Typical low capacitance of 100 pF or less
MAXIMUM RATINGS
* * * Operating Temperatures: -65 C to +175 C Storage Temperatures: -65oC to +175oC DC Power Dissipation: 500 mW @ TL = 25oC and maximum current IZM of 70 mA. NOTE: For optimum voltage-temperature stability, IZ = 7.5 mA (less than 50 mW in dissipated power) Solder Temperatures: 260oC for 10 s (max)
o o
MECHANICAL AND PACKAGING
* * * * CASE: Hermetically sealed glass case. DO-213AA package TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, Method 2026 MARKING: Cathode band (except double anode 1N822 and 1N824) POLARITY: Reference diode to be operated with the banded end positive with respect to the opposite end TAPE & REEL option: Standard per EIA-481-B with 12 mm tape, 2000 per 7 inch reel or 5000 oer 13 inch reel (add "TR" suffix to part number) WEIGHT: 0.04 grams. See package dimensions on last page
*
1N821UR thru 1N829AUR-1
*
* *
Copyright 2003 12-19-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N821UR thru 1N829AUR-1 (or MLL821 thru MLL829-1)
SCOTTSDALE DIVISION
6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
WWW . Microsemi .C OM
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
MAXIMUM ZENER IMPEDANCE (Note 2) ZZT @ IZT MAXIMUM REVERSE CURRENT IR @ 3 V VOLTAGE TEMPERATURE STABILITY (VZT MAX) o o -55 C to +100 C (Note 3 and 4)
JEDEC TYPE NUMBER (Notes 1, 5 & 6)
ZENER VOLTAGE (Note 1 and 4) VZ @ IZT
ZENER TEST CURRENT IZT
EFFECTIVE TEMPERATURE COEFFICIENT
VZ
o
1N821UR 1N821AUR 1N822UR 1N823UR 1N823AUR 1N824UR 1N825UR 1N825AUR 1N826UR 1N827UR 1N827AUR 1N828UR 1N829UR 1N829AUR
VOLTS 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 6.2 - 6.9 5.9 - 6.5 5.9 - 6.5 6.2 - 6.9 5.9 - 6.5 5.9 - 6.5
mA 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
OHMS 15 10 15 15 10 15 15 10 15 15 10 15 15 10
A 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
mV 96 96 96 48 48 48 19 19 20 9 9 10 5 5
%/ C 0.01 0.01 0.01 0.005 0.005 0.005 0.002 0.002 0.002 0.001 0.001 0.001 0.0005 0.0005
*JEDEC Registered Data. Double Anode; electrical specifications apply under both bias polarities.
NOTES: Add a "-1" suffix for internal metallurgical bond. When ordering devices with tighter tolerances than specified for the VZ voltage nominal of 6.15 V, add a further hyphened suffix number % to the part number for desired tolerance, e.g. 1N827UR-1-2%, 1N829UR-1-1%, 1N829AUR-1%, 1N829AUR-1-1%, etc. o 2. Zener impedance is measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25 C. 3. The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV change at any discrete temperature between the established limits. 4. Voltage measurements to be performed 15 seconds after application of dc current. 5. 1N821UR-1, 1N823UR-1, 1N825UR-1, 1N827UR-1, and 1N829UR-1 also have qualification to MIL-PRF-19500/159 by adding the JAN, 1.
JANTX, or JANTXV prefix to part numbers as well as the "-1" suffix; e.g. JANTX1N827UR-1, JANTXV1N829UR-1, etc.
6. This product series has also been previously identified as the MLL821 thru MLL829A-1. This alternate name may still be used.
1N821UR thru 1N829AUR-1
Copyright 2003 12-19-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N821UR thru 1N829AUR-1 (or MLL821 thru MLL829-1)
SCOTTSDALE DIVISION
6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
GRAPHS
Change in temperature coefficient (%/ C) Change in temperature coefficient (mV/ C)
o
WWW . Microsemi .C OM
o
FIGURE 2 TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT.
The curve shown in Figure 2 is typical of the diode series and greatly simplifies the estimation of the Temperature Coefficient (TC) when the diode is operated at currents other than 7.5mA. EXAMPLE: A diode in this series is operated at a current of 7.5mA and has specified Temperature Coefficient (TC) limits of +/-0.005%/oC. To obtain the typical Temperature Coefficient limits for this same diode operated at a current of 6.0mA, the new TC limits (%/oC) can be estimated using the graph in FIGURE 2. At a test current of 6.0mA the change in Temperature Coefficient (TC) is approximately -0.0006%.oC. The algebraic sum of +/-0.005%oC and - 0.0006%/oC gives the new estimated limits of +0.0044%/oC and -0.0056%/oC.
IZ - Operating Current (mA)
VZ - Change in Zener Voltage (mV)
FIGURE 3 TYPICAL CHANGE OF ZENER VOLTAGE WITH CHANGE IN OPERATING CURRENT
This curve in Figure 3 illustrates the change of diode voltage arising from the effect of impedance. It is in effect an exploded view of the zener operating region of the I-V characteristic. In conjunction with Figure 2, this curve can be used to estimate total voltage regulation under conditions of both varying temperature and current.
IZ - Operating Current (mA)
PACKAGE DIMENSIONS
DIM A B C
INCHES MIN MAX 0.063 0.067 0.130 0.146 0.016 0.022
MILLIMETERS MIN MAX 1.60 1.70 3.30 3.70 0.41 0.55 A B C
PAD LAYOUT
INCHES .200 .055 .080 mm 5.08 1.40 2.03
1N821UR thru 1N829AUR-1
Copyright 2003 12-19-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 1N829UR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X